Part Number Hot Search : 
HEF4040B P4468 PCIMX 89C51R KIA7910F 0CLJQ0 TS40P06G 250210B
Product Description
Full Text Search
 

To Download SAJR684M16R252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Tantalum Capacitors
RoHS Compliant
SAJ SERIES
INTRODUCTION The SAJ series Tantalum Chip Capacitors cover a wide range of values and applications. The Extended range of this series cover higher capacitance values in smaller case sizes. Also included are low profile capacitors developed for special applications where height is critical. FEATURES:
* HIGH SOLDER HEAT RESISTANCE - 269C, 5 TO 10 SECS. ULTRA COMPACT SIZES * COMPONENT MOUNTING.IN EXTENDED RANGE (BOLD PRINT) ALLOWS HIGH DENSITY * LOW PROFILE CAPACITORS WITH HEIGHT 1.2MM MAX (A2 & B2) AND 1.5MM MAX (C2) FOR USE ON PCB'S, WHERE HEIGHT IS CRITICAL. MEET * COMPONENTS481/IECIEC SPEC QC 300801/US0001 AND EIA 535BAAC. REEL PACKING STDS- EIAJ RC-1009B /EIA 286-3. WITH CONSISTENT DIMENSIONS AND SURFACE FINISH. * EPOXY MOLDED COMPONENTSONSERTION. ENGINEERED FOR AUTOMATIC * COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
GENERAL SPECIFICATIONS CAPACITANCE RANGE: 0.1 F To 330 F. VOLTAGE RANGE: 4VDC to 50VDC. CAPACITANCE TOLERANCE: 20%(M), 10%(K), (5%(J) - UPON REQUEST). TEMPERATURE RANGE: -55 TO +125C WITH DERATING ABOVE 85C. ENVIRONMENTAL CLASSIFICATION: 55/125/56 (IEC68-2). DISSIPATION FACTOR: 0.1 TO 1 F 4% MAX,1.5 TO 6.8 F 6% MAX, 10 TO 330 F 8% MAX. LEAKAGE CURRENT: NOT MORE THAN 0.01CV A or 0.5 A WHICHEVER IS GREATER. FAILURE RATE: 1% PER 1000 HRS. LIFE TEST DETAILS CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85C FOR 2000 HRS OR DERATED DC VOLTAGE APPLIED AT 125C FOR 1000 HRS. AFTER THE TEST: 1. CAPACITANCE CHANGE SHALL NOT EXCEED 10% OF INITIAL VALUE. 2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS. 3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT. 4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
CASE DIMENSIONS IN MILLIMETERS (INCHES) CASE R A2 A B2 B H C2 C D2 D E EIA/IEC 2012 3216L 3216 3528L 3528 4726 6032L 6032 6045 7343 7343H (TALLER) L 2.05 0.2 (0.08 0.008) 3.2 0.2 (0.126 0.008) 3.2 0.2 (0.126 0.008) 3.5 0.2 (0.138 0.008) 3.5 0.2 (0.138 0.008) 4.8 0.2 (0.189 0.008) 5.8 0.2 (0.228 0.008) 6.0 0.3 (0.236 0.012) 5.8 0.3 (0.228 0.012) 7.3 0.3 (0.287 0.012) 7.3 0.3 (0.287 0.012) W 1.3 0.2 (0.05 0.008) 1.6 0.2 (0.063 0.008) 1.6 0.2 (0.063 0.008) 2.8 0.2 (0.110 0.008) 2.8 0.2 (0.110 0.008) 2.6 0.2 (0.102 0.008) 3.2 0.2 (0.126 0.008) 3.2 0.3 (0.126 0.012) 4.5 0.3 (0.177 0.012) 4.3 0.3 (0.170 0.012) 4.3 0.3 (0.170 0.012) H 1.2 0.2 (0.047 0.008) 1.2 0.2 (0.047 0.008) 1.6 0.2 (0.063 0.008) 1.2 0.2 (0.047 0.008) 1.9 0.2 (0.075 0.008) 1.8 0.2 (0.071 0.008) 1.5 0.2 (0.059 0.008) 2.5 0.3 (0.098 0.012) 3.1 0.3 (0.122 0.012) 2.8 0.3 (0.110 0.012) 4.0 0.3 (0.158 0.012) l 0.5 0.3 (0.020 0.012) 0.7 0.3 (0.028 0.012) 0.8 0.3 (0.032 0.012) 0.7 0.3 (0.028 0.012) 0.8 0.3 (0.031 0.012) 0.8 0.3 (0.032 0.012) 0.7 0.3 (0.028 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) a 1.2 0.1 (0.047 0.004) 1.2 0.1 (0.047 0.004) 1.2 0.1 (0.047 0.004) 1.8 0.1 (0.071 0.004) 2.2 0.1 (0.087 0.004) 1.80.1 (0.071 0.004) 2.20.1 (0.0870.004) 2.2 0.1 (0.0870.004) 3.1 0.1 (0.122 0.004) 2.4 0.1 (0.095 0.004) 2.4 0.1 (0.095 0.004)
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Sharma Tantalum Capacitors
SAJ SERIES RATINGS AND CASE CODES CAPACITANCE CODE F STD 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 E D2, D D B B C C A A A, B2 A, B2 A B, H, C2 B, H, C2 B, C C D2 D2, D D E* D2, D D D E B B C C R, A2 A2 A A A, B2 A, B2 A B, H, C2 B, H, C2 B, C C D2 D2 D E E* E D2, D D B B C C R, A2 A2 A A A, B2 A, B2 A B, H, C2 B, H, C2 B, C C D2 D2, D D E E* E D2, D D R, A2 A2 A A B B B C C B, H, C2 B, C2* C C D2 D2, D D E A, B2 A, B2 B B C C D D2, D D B, H B, C2 C C D2 D2, D E E R, A2 A2 A A 4V EXT STD 6.3V EXT STD 10V EXT STD RATED VOLTAGE DC at 85 C 16V EXT STD 20V EXT A2 A2 A2 A2 R, A2 A2 B2 A, B2 A, B2 A A B B B C C D D2, D D C C D2 D2, D E B A A STD 25V EXT STD A A A A B B B C C C D2, D D2, D D C C D2 E E A A A B B* 35V EXT
RoHS Compliant
50V STD A B B B C C C D2, D D2, D D D E* E* C C D2 B A EXT
STD = STANDARD RANGE.
EXT = EXTENDED RANGE & SPECIAL SIZES.
* = CONSULT FACTORY
SAJ SERIES SPECIFICATIONS
4 V DC Rated Voltage
Surge Voltage 5 V DC @ 85C,
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A
6 V DC Rated Voltage - Continued
3.2 V DC @ 125C
DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
Surge Voltage 8 V DC @ 85C, 5 V DC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ
R A2 A2 A A A B2 A B2 B A B B H C2 C B H C2 C B C C D2 D D2 D D2 D D E E*
225 225 335 335 475 685 685 106 106 106 156 156 226 226 226 226 336 336 336 336 476 476 686 686 686 107 107 157 157 227 227 337
M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M
04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04 04
R R R R R R R R R R R R R R R R R R R R R R R R R R R R R R R R
252 302 302 202 202 202 302 202 302 202 202 202 202 202 202 501 202 202 202 202 202 501 501 501 501 501 501 501 501 501 401 401
2.2 2.2 3.3 3.3 4.7 6.8 6.8 10 10 10 15 15 22 22 22 22 33 33 33 33 47 47 68 68 68 100 100 150 150 220 220 330
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.9 0.9 0.9 0.9 1.3 1.3 1.3 1.3 1.9 1.9 2.7 2.7 2.7 4.0 4.0 6.0 6.0 8.8 8.8 13.2
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8 8
25.0 25.0 18.0 9.0 7.5 6.5 6.5 6.0 6.0 4.0 4.0 3.5 3.2 3.2 3.2 2.5 2.4 2.4 2.4 2.2 2.2 1.8 1.6 1.1 1.1 0.9 0.9 0.7 0.7 0.7 0.6 0.6
0.040 0.043 0.058 0.088 0.097 0.104 0.104 0.108 0.108 0.141 0.132 0.151 0.158 0.163 0.168 0.210 0.183 0.188 0.194 0.224 0.191 0.247 0.262 0.363 0.369 0.401 0.408 0.455 0.463 0.463 0.524 0.524
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ
A B2 B A B B H C2 C B H C2 C B C C D2 D D2 D D2 D D E E E*
685 685 685 106 106 156 156 156 156 226 226 226 226 336 336 476 476 476 686 686 107 107 157 157 227 337
M M M M M M M M M M M M M M M M M M M M M M M M M M
06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06 06
R R R R R R R R R R R R R R R R R R R R R R R R R R
202 302 202 202 202 202 202 202 501 202 202 501 501 202 501 501 501 501 501 501 501 501 501 401 401 401
6.8 6.8 6.8 10 10 15 15 15 15 22 22 22 22 33 33 47 47 47 68 68 100 100 150 150 220 330
0.5 0.5 0.5 0.6 0.6 1.0 1.0 1.0 1.0 1.4 1.4 1.4 1.4 2.1 2.1 3.0 3.0 3.0 4.3 4.3 6.0 6.0 9.0 9.0 13.2 19.8
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8
6.0 5.0 4.0 4.0 3.5 3.2 3.0 3.0 2.5 2.4 2.4 2.4 2.2 2.2 1.8 1.6 1.1 1.1 0.9 0.9 0.8 0.8 0.8 0.6 0.6 0.6
0.108 0.118 0.141 0.132 0.151 0.158 0.168 0.173 0.210 0.183 0.188 0.224 0.224 0.191 0.247 0.262 0.363 0.369 0.401 0.408 0.426 0.433 0.433 0.524 0.524 0.524
10 V DC Rated Voltage
Surge Voltage 13 V DC @ 85C, 8 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ R A2 A2 A A 105 105 155 155 225 M M M M M 10 10 10 10 10 R R R R R 252 302 302 202 202 1 1 1.5 1.5 2.2 0.5 0.5 0.5 0.5 0.5 4 4 6 6 6 25.0 25.0 20.0 10.0 7.5 0.040 0.049 0.055 0.084 0.097
6 V DC Rated Voltage
SAJ A 335 M 10 R 202 3.3 0.5 6 6.5 0.104 Surge Voltage 8 V DC @ 85C, 5 V DC @ 125C 3.3 0.5 6 6.5 0.104 SAJ B2 336 M 10 R 302 SAJ R 155 M 06 R 252 1.5 0.5 6 25.0 0.040 SAJ A 475 M 10 R 202 4.7 0.5 6 6.0 0.108 SAJ A2 155 M 06 R 302 1.5 0.5 6 25.0 0.049 4.7 0.5 6 6.0 0.141 SAJ B2 475 M 10 R 302 SAJ A2 225 M 06 R 302 2.2 0.5 6 20.0 0.055 SAJ B 475 M 10 R 202 4.7 0.5 6 4.0 0.141 SAJ A 225 M 06 R 202 2.2 0.5 6 9.0 0.088 6.8 0.7 6 4.0 0.132 SAJ A 685 M 10 R 202 SAJ A 335 M 06 R 202 3.3 0.5 6 7.5 0.097 SAJ B 685 M 10 R 202 6.8 0.7 6 3.5 0.151 SAJ A 475 M 06 R 202 4.7 0.5 6 6.5 0.104 10 1.0 6 3.2 0.158 SAJ B 106 M 10 R 202 SAJ B2 475 M 06 R 302 4.7 0.5 6 6.5 0.104 NOTE: EXTENDED RANGE & SPECIAL CASE SIZES SHOWN IN BOLD. FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K. FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J. STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3. * = CONSULT FACTORY.
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Sharma Tantalum Capacitors
10 V DC Rated Voltage - Continued
Surge Voltage 13 V DC @ 85C, 8 V DC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
RoHS Compliant
20 V DC Rated Voltage - Continued
Surge Voltage 26 V DC @ 85C, 16 V DC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ
H C2 C B H C2 C B C C D2 D D2 D D2 D D E E E*
106 106 106 156 156 156 156 226 226 336 336 336 476 476 686 686 107 107 157 227
M M M M M M M M M M M M M M M M M M M M
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
R R R R R R R R R R R R R R R R R R R R
202 202 501 202 202 501 501 202 501 501 501 501 501 501 501 501 501 401 401 401
10 10 10 15 15 15 15 22 22 33 33 33 47 47 68 68 100 100 150 220
1.0 1.0 1.0 1.5 1.5 1.5 1.5 2.2 2.2 3.3 3.3 3.3 4.7 4.7 6.8 6.8 10.0 10.0 15.0 22.0
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8
3.2 3.2 2.5 2.4 2.4 2.2 2.2 2.2 1.8 1.6 1.1 1.1 0.9 0.9 0.8 0.8 0.7 0.7 0.6 0.6
0.163 0.168 0.210 0.183 0.188 0.202 0.224 0.191 0.247 0.262 0.363 0.369 0.401 0.408 0.426 0.433 0.462 0.486 0.524 0.524
SAJ SAJ SAJ SAJ SAJ SAJ SAJ
D D2 D D2 D E E
156 226 226 336 336 476 686
M M M M M M M
20 20 20 20 20 20 20
R R R R R R R
501 501 501 501 501 401 401
15 22 22 33 33 47 68
3.0 4.4 4.4 6.6 6.6 9.4 13.6
6 6 6 6 6 6 6
1.1 0.9 0.9 0.8 0.8 0.7 0.7
0.369 0.401 0.408 0.426 0.433 0.486 0.486
25 V DC Rated Voltage
Surge Voltage 32 V DC @ 85C, 20 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ A A A B A B B B C C C D C D2 D D2 D D2 D E 474 684 105 105 155 155 225 335 335 475 685 685 106 106 106 156 156 226 226 336 M M M M M M M M M M M M M M M M M M M M 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 R R R R R R R R R R R R R R R R R R R R 202 202 202 202 202 202 202 202 501 501 501 501 501 501 501 501 501 501 501 401 0.47 0.68 1 1 1.5 1.5 2.2 3.3 3.3 4.7 6.8 6.8 10 10 10 15 15 22 22 33 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.8 0.8 1.2 1.7 1.7 2.5 2.5 2.5 3.8 3.8 5.5 5.5 8.3 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 14.0 10.0 9.0 7.0 7.0 5.5 4.5 3.6 2.8 2.4 2.0 1.4 1.8 1.2 1.2 1.0 1.0 0.8 0.8 0.7 0.071 0.084 0.088 0.107 0.100 0.121 0.133 0.149 0.198 0.214 0.235 0.327 0.247 0.348 0.354 0.381 0.387 0.426 0.433 0.486
16 V DC Rated Voltage
Surge Voltage 20 V DC @ 85C, 13 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ R A2 A2 A A A B2 B A B2 B B B H C2 C B C2* C C C D2 D D2 D D2 D D E E 684 684 105 105 155 225 225 225 335 335 335 475 685 685 685 685 106 106 106 156 226 226 226 336 336 476 476 686 686 107 M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 R R R R R R R R R R R R R R R R R R R R R R R R R R R R R R 252 302 302 202 202 202 302 202 202 302 202 202 202 202 501 501 202 501 501 501 501 501 501 501 501 501 501 501 401 401 0.68 0.68 1 1 1.5 2.2 2.2 2.2 3.3 3.3 3.3 4.7 6.8 6.8 6.8 6.8 10 10 10 15 22 22 22 33 33 47 47 68 68 100 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 1.1 1.1 1.1 1.1 1.6 1.6 1.6 2.4 3.5 3.5 3.5 5.3 5.3 7.5 7.5 10.9 10.9 16.0 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 25.0 25.0 20.0 11.0 8.0 7.0 7.0 5.5 6.2 6.2 4.4 3.6 3.3 3.3 3.3 2.6 2.4 2.4 2.2 1.8 1.6 1.1 1.1 0.9 0.9 0.8 0.8 0.7 0.8 0.7 0.040 0.049 0.055 0.080 0.094 0.100 0.100 0.121 0.106 0.106 0.135 0.149 0.156 0.160 0.165 0.206 0.183 0.171 0.224 0.247 0.262 0.363 0.369 0.401 0.408 0.426 0.433 0.463 0.454 0.486
35 V DC Rated Voltage
Surge Voltage 45 V DC @ 85C, 28 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ A A A A A B A B A B B C B* C C C D2 D C D2 D D2 104 154 224 334 474 474 684 684 105 105 155 155 225 225 335 475 475 475 685 685 685 106 M M M M M M M M M M M M M M M M M M M M M M 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 R R R R R R R R R R R R R R R R R R R R R R 202 202 202 202 202 202 202 202 202 202 202 501 202 501 501 501 501 501 501 501 501 501 0.1 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 2.2 2.2 3.3 4.7 4.7 4.7 6.8 6.8 6.8 10 10 15 22 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.2 1.6 1.6 1.6 2.4 2.4 2.4 3.5 3.5 5.3 7.7 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 24.0 21.0 18.0 15.0 12.0 10.0 9.0 8.0 8.0 6.5 5.2 4.5 4.2 3.5 2.5 2.2 1.5 1.5 1.5 1.3 1.3 1.0 1.0 0.8 0.7 0.054 0.058 0.062 0.068 0.076 0.089 0.088 0.100 0.094 0.111 0.124 0.156 0.138 0.177 0.210 0.224 0.311 0.316 0.216 0.334 0.340 0.381 0.387 0.454 0.454
20 V DC Rated Voltage
Surge Voltage 26 V DC @ 85C, 16 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ A2 A2 A2 A2 R A2 A2 A B2 A A B2 A B2 B B B H C B C2 C C D C D2 104 154 224 334 474 474 684 684 105 105 155 155 225 225 225 335 475 475 475 685 685 685 106 106 156 156 M M M M M M M M M M M M M M M M M M M M M M M M M M 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 R R R R R R R R R R R R R R R R R R R R R R R R R R 302 302 302 302 252 302 302 202 302 202 202 302 202 302 202 202 202 202 501 202 202 501 501 501 501 501 0.1 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 2.2 2.2 2.2 3.3 4.7 4.7 4.7 6.8 6.8 6.8 10 10 15 15 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.9 0.9 0.9 1.4 1.4 1.4 2.0 2.0 3.0 3.0 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 25.0 25.0 25.0 25.0 25.0 25.0 25.0 12.0 12.0 10.0 7.5 7.5 6.0 6.0 5.0 3.8 3.5 3.5 2.8 2.8 2.8 2.4 2.0 1.3 1.7 1.1 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.076 0.058 0.084 0.097 0.073 0.082 0.082 0.126 0.145 0.151 0.156 0.198 0.169 0.179 0.274 0.235 0.340 0.254 0.363
SAJ D SAJ E SAJ E
106 M 35 R 501 156 M 35 R 401 226 M 35 R 401
50 V DC Rated Voltage
Surge Voltage 63 V DC @ 85C, 40 V DC @ 125C
SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ SAJ A A B B B B C C C C D2 D C D2 D D2 D D E* E* 104 154 154 224 334 474 474 684 105 155 155 155 225 225 225 335 335 475 685 106 M M M M M M M M M M M M M M M M M M M M 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 R R R R R R R R R R R R R R R R R R R R 202 202 202 202 202 202 501 501 501 501 501 501 501 501 501 501 501 501 401 401 0.1 0.15 0.15 0.22 0.33 0.47 0.47 0.68 1 1.5 1.5 1.5 2.2 2.2 2.2 3.3 3.3 4.7 6.8 10 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 1.1 1.1 1.1 1.7 1.7 2.4 3.4 5.0 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 22.0 20.0 17.0 14.0 12.0 10.0 8.0 7.5 5.5 4.0 4.0 3.5 3.5 2.5 2.5 2.0 2.0 1.4 1.2 1.0 0.056 0.059 0.069 0.076 0.082 0.089 0.117 0.121 0.141 0.166 0.132 0.141 0.177 0.249 0.241 0.269 0.274 0.327 0.371 0.406
NOTE: EXTENDED RANGE & SPECIAL CASE SIZES SHOWN IN BOLD. FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K. FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J. STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3. * = CONSULT FACTORY.
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of SAJR684M16R252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X